Part Number Hot Search : 
BLF571 55320301 0N60P SM8S26 MCR10 PA006 SQ141Y4 IRF7811
Product Description
Full Text Search
 

To Download MAIA-007150-0001TB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dual linear driver for vector modulators rev. v2 madr - 007131 1 1 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 1 features ? linearizes m/a - coms pin diode vector modulators over a 360 ? phase range ? dual channels allow one driver per vector modulator ? guaranteed minimum output currents of 20 ma ? operates with a single supply voltage of +5v ? low quiescent currents ? single control voltage for each channel ? 6 x 4 mm chip scale package ? test boards with vector modulators are available ? tape and reel packaging available ? lead - free pqfn package ? 100% matte tin plating over copper ? halogen - free green mold compound ? 260c reflow compatible ? rohs* compliant version of madrcc0002 description m/a - com's madr - 007131 - 000100 is a dual, break point free driver that produces a logarithmic output current suitable for linearizing pin diode based vector modulators. this driver, in conjunction with the external components, as defined in figure 1, produces a linearized transfer function between the input control voltage of the driver and the attenuation / phase output of the vector modulator. the madr - 007131 - 000100 has been optimized for linearizing m/a - coms vector modulators (see table 1), but will function well with most types of cathode grounded vector modulators. the driver is packaged in a 6 x 4 mm chip scale package for commercial smt applications. a typical schematic for a dual linearizer driving a vector modulator is shown in figure 1. ordering information note: reference application note m513 for reel size information. * restrictions on hazardous substances, european union directive 2002/95/ec. circuit description: (reference figures 1 , 2 and 3) note that this is a dual driver. only the top circuit will be described, because the bottom circuit is identical. the input divider, r1 and the sum of r2 and r3, sets the overall transfer function of the cir- cuit. to increase the transfer function, decrease the control voltage and the value of r1. temperature compensation is a function of the temperature coefficient of the thermistor, r3, and the ratio of r2 to r3, and can only be optimized once the transfer function and linearity component values have been established. varying the value of r4 will optimize the linearity of the vva. one can achieve a more linear transfer function by driving the attenuator over a smaller portion of its dynamic range. note that when the vector modulators called out in table 1 are driven with the dual linearizer, both amplitude and phase are affected, which makes it hard to de- fine linearity. the individual transfer function of each voltage variable attenuator in the vector modulator (see figure 2 for the block diagram) is linearized as a function of voltage. the two vvas in the block diagram are the quad hybrids that are terminated by two pin diodes. see figure 3 for the transfer function of the maia - 007150 - 000100 vector modulator (phase and attenuation vs. control voltages). part number package madr - 007131 - 000100 bulk packaging madr - 007131 - 0001tr tape & reel (1k reel) maia - 007099 - 0001tb test board with circuit per figure 1 (maia - 007099 - 000100, gsm vector modulator ) maia - 007100 - 0001tb test board with circuit per figure 1 (maia - 007100 - 000100, pcs vector modulator ) maia - 007150 - 0001tb test board with circuit per figure 1 (maia - 007150 - 000100, umts vector modulator
dual linear driver for vector modulators rev. v2 madr - 007131 2 2 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 2 electrical specifications: t a = 25 c, z 0 = 50 ? parameter test conditions units min typ max output drive current vcontrol = v cc ma 20 +v cc supply range v 4.5 5.0 5.5 in, ref voltage v 0 v cc +v cc quiescent current no load a 50 70 settling time 50% ctl to 90%/10% rf s 25 figure 1
dual linear driver for vector modulators rev. v2 madr - 007131 3 3 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 3 table 1. inductor selection for m/a - com vector modulators vector modulator frequency range (mhz) coil craft p/n l1 - l4 description of l1 - l4 resistor values r2, r6 thermistor values r3, r7 quality thermistor p/n for r3, r7 maia - 007099 - 000100 925 - 960 (gsm) 0603cs - 68nxjbc inductor, 68 nh, 5% 270 ohms 750 ohms qt0805 - 751k maia - 007100 - 000100 1930 - 1990 (pcs) 0603cs - 27nxjbc inductor, 27 nh, 5% 360 ohms 680 ohms qt0805 - 681k maia - 007150 - 000100 2040 - 2240 (umts) 0603cs - 27nxjbc inductor, 27 nh, 5% 270 ohms 750 ohms qt0805 - 751k recommended pcb configuration
dual linear driver for vector modulators rev. v2 madr - 007131 4 4 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 4 pin configuration pin no. function pin no. function 1 nc 17 ref a 2 in b 18 nc 3 nc 19 ref a 4 ref b 20 nc 5 nc 21 in a 6 ref b 22 nc 7 nc 23 nc 8 ref b 24 nc 9 out b 25 nc 10 nc 26 nc 11 vcc 27 nc 12 nc 28 gnd 13 nc 29 nc 14 out a 30 nc 15 ref a 31 nc 16 nc 32 nc the exposed pad centered on the package bottom must be connected to rf and dc ground. (for pqfn packages) absolute maximum ratings 1 ,2 parameter absolute maximum +v cc +20 v in a, in b - 0.5v < input < vcc +0.5v ref a, ref b - 0.5v < input < vcc +0.5v output short circuit dura- tion 3 continuous operating temperature - 40 c to +85c storage temperature - 65 c to +125c package power dissipation control voltage 150 mw lead temperature 300o c for 10 seconds 1. exceeding any one or combination of these limits may cause permanent damage to this device. 2. m/a - com does not recommend sustained operation near these survivability limits. 3. additional heat sinking may be required for a continuous output short circuit to ground, to keep the junction temperature of the amplifier below 150c. handling procedures please observe the following precautions to avoid damage: static sensitivity silicon integrated circuits are sensitive to electrostatic discharge (esd) and can be damaged by static electricity. proper esd control techniques should be used when handling these devices.
dual linear driver for vector modulators rev. v2 madr - 007131 5 5 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 5 lead - free 4x6 mm, 32 - lead pqfn ? ? reference application note m538 for lead - free solder reflow recommendations.
dual linear driver for vector modulators rev. v2 madr - 007131 6 6 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 6 figure 3a - phase and attenuation of maia - 007150 - 000100, vector modulator linearized with madr - 007131 - 000100 linearizer 3,4,5,6 figure 3b 3. tic marks on x,y axes refer to reflection coefficient in increments of 0.1v. reflection coefficients vary from - 0.5 to +0.5 on b oth the x and y axes. 4. data is for vector modulators driven by linearizers per attached schematic. 5. inputs to the linearizers vary from 0 to 5v. 6. the phase with the inputs to both linearizers set to +5v is arbitrarily called zero degrees. bias 1 = 0v bias 2 = 0v bias 1 = 0v bias 2 = +5v ( y) 90 ( x) 0 45 bias 1 = +5v bias 2 = +5v bias 1 = +5v bias 2 = 0v reflection coefficient = 0.5 loss = 22 db loss = 17 db loss = 12 db bias 1 = 0.0v 0.5v 1.0v 1.5v 2.0v 2.5v 3.0v 3.5v bias 1 = 5.0v bias 2 = 0.0v 0.5v bias 2 = 5.0v 3.5v 3.0v 2.5v 2.0v 1.5v 1.0v ( y) 90 ( x) 0 45
dual linear driver for vector modulators rev. v2 madr - 007131 7 7 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 7 figure 2 block diagram vector modulator
dual linear driver for vector modulators rev. v2 madr - 007131 8 8 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 8 m/a - com technology solutions inc. all rights reserved. information in this document is provided in connection with m/a - com technology solutions inc ("macom") products. these materials are provided by macom as a service to its customers and may be used for informational purposes only. except as provided in macom's terms and conditions of sale for such products or in any separate agreement related to this document, macom assumes no liability whatsoever. macom assumes no responsibility for errors or omissions in these materials. macom may make changes to specifications and product descriptions at any time, without notice. macom makes no commitment to update the information and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future changes to its specifications and product descriptions. no license, express or implied, by estoppels or otherwise, to any intellectual property rights is granted by this document. these materials are provided "as is" without warranty of any kind, either express or implied, relating to sale and/or use of macom products including liability or warranties relating to fitness for a particular purpose, consequential or incidental damages, merchantability, or infringement of any patent, copyright or other intellectual property right. macom further does not warrant the accuracy or completeness of the information, text, graphics or other items contained within these materials. macom shall not be liable for any special, indirect, incidental, or consequential damages, including without limitation, lost revenues or lost profits, which may result from the use of these materials. macom products are not intended for use in medical, lifesaving or life sustaining applications. macom customers using or selling macom products for use in such applications do so at their own risk and agree to fully indemnify macom for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of MAIA-007150-0001TB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X